| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1228 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1228 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 6 page ![]() AN1228 Conclusion 5/6 3 Conclusion The sagacious engineer will take heed of the previously defined parameters and their relationship to circuit performance and reliability. These parameters can be very helpful when identifying problems early in the design stage. Other parameters, such as substrate current, may be even more sensitive but are not always accessible to the design engineer. The implications of the instability of these parameters are manifold and can ultimately be expressed from the sub-atomic device physics regime to the circuit performance. This paper has focused on aspects that the design engineer would consider tractable. By better understanding the relationship of these basic MOSFET parameters to circuit performance, designers can more accurately create effective amplifiers and other active circuits. 4 Revision history Table 1. Revision history Date Revision Changes 21-Jun-2004 2 Minor text changed 31-Jul-2007 3 The document has been reformatted |