Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1224 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN1224
Description  Evaluation board using SD57045 LDMOS RF transistor for FM broadcast application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1224 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN1224 Datasheet HTML 2Page - STMicroelectronics AN1224 Datasheet HTML 3Page - STMicroelectronics AN1224 Datasheet HTML 4Page - STMicroelectronics AN1224 Datasheet HTML 5Page - STMicroelectronics AN1224 Datasheet HTML 6Page - STMicroelectronics AN1224 Datasheet HTML 7Page - STMicroelectronics AN1224 Datasheet HTML 8Page - STMicroelectronics AN1224 Datasheet HTML 9Page - STMicroelectronics AN1224 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AN1224
Conclusion
9/10
3
Conclusion
In this application note we have demonstrated the feasibility of a low cost, 900 MHz cellular
device as a commercial FM driver. One can conclude that ST LDMOS technology offers
viable solutions for power amplifiers at frequencies covering the high HF throughout the high
UHF bands. More information about these devices can be found at http://www.st.com/rf.
4
Revision history
Table 5.
Document revision history
Date
Revision
Changes
13-Sep-2007
2
No content change
26-Oct-2007
3
– Document reformatted no content change
– Modified: title



Html Pages

1 2 3 4 5 6 7 8 9 10