Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1069 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN1069
Description  This application note is to help developers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1069 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN1069 Datasheet HTML 5Page - STMicroelectronics AN1069 Datasheet HTML 6Page - STMicroelectronics AN1069 Datasheet HTML 7Page - STMicroelectronics AN1069 Datasheet HTML 8Page - STMicroelectronics AN1069 Datasheet HTML 9Page - STMicroelectronics AN1069 Datasheet HTML 10Page - STMicroelectronics AN1069 Datasheet HTML 11Page - STMicroelectronics AN1069 Datasheet HTML 12Page - STMicroelectronics AN1069 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
ADDRESSING UP TO 4 MBYTES OF EXTERNAL MEMORY
Figure 9. Accessing almost 2M with the ST90R158
It is possible to increase the amount of accessible memory by reducing the size of the static
would increase the complexity of the hardware and software.
AS
DS
R/W
VCC
74HC573
ST90R158
EXTERNAL MEMORY
21-bit address
8-bit data
G
R/W (RAM and Flash only)
LE
74HC04
E
32 Kbytes
Seg 0
Seg 2
Seg 3
Seg 3F
EXTERNAL MEMORY
15-bit address
8 bit data
A[0..14]
E
A[15]
2 Mbytes
Seg 0
Seg 1
P0[0..7]
P1[0..7]
P2[0..7]
A[0..7]
A[8..15]
A[16..21]
A[0..21]
74HC04
0x00 0000
0x00 8000
0x01 0000
0x01 8000
32k
32k
32k
32k
32k
A[15]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14