Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD63 Fiches technique(PDF) 19 Page - NEC

No de pièce UPD63
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD63 Fiches technique(HTML) 19 Page - NEC

Back Button UPD63 Datasheet HTML 15Page - NEC UPD63 Datasheet HTML 16Page - NEC UPD63 Datasheet HTML 17Page - NEC UPD63 Datasheet HTML 18Page - NEC UPD63 Datasheet HTML 19Page - NEC UPD63 Datasheet HTML 20Page - NEC UPD63 Datasheet HTML 21Page - NEC UPD63 Datasheet HTML 22Page - NEC UPD63 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
19
µPD63, 63A, 64
4. TIMER
4.1 Timer Configuration
The timer is the block used for creating a remote control transmission pattern. As shown in Figure 4-1, it consists
of a 9-bit down counter (t8 to t0), a flag (t9) permitting the 1-bit timer output, and a zero detecting circuit.
Figure 4-1. Timer Configuration
S1/LED
REM
Carrier
synchronous
circuit
Bit 2 of control register 0 (P3)
Carrier signal
Zero detecting circuit
9-bit down counter
t9
t8
t7
t6
t5
t4
t3
t2
t1
t0
T
T1
Bit 3 of control register 0 (P3)
fX/64
fX/128
Timer operation end signal
(HALT #
×101B release
signal)
Count
clock
T0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68