Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD61P24CS Fiches technique(PDF) 11 Page - NEC

No de pièce UPD61P24CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD61P24CS Fiches technique(HTML) 11 Page - NEC

Back Button UPD61P24CS Datasheet HTML 7Page - NEC UPD61P24CS Datasheet HTML 8Page - NEC UPD61P24CS Datasheet HTML 9Page - NEC UPD61P24CS Datasheet HTML 10Page - NEC UPD61P24CS Datasheet HTML 11Page - NEC UPD61P24CS Datasheet HTML 12Page - NEC UPD61P24CS Datasheet HTML 13Page - NEC UPD61P24CS Datasheet HTML 14Page - NEC UPD61P24CS Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
µPD61P24
11
11.5
S-OUT Pin
By going low whenever the carrier frequency is output from the REM pin, the S-OUT pin indicates that
communication is in progress.
The S-OUT pin is CMOS output.
The S-OUT pin goes high on reset.
11.6
S-IN Pin (D0 bit of P1)
To input serial data, use the S-IN pin. When control register (P1) is set to serial input mode, the S-IN pin is
connected as an input to the LSB of the accumulator; the S-IN pin is pulled down to the VSS level within the LSI.
In this state, if the rotate-left accumulator instruction (RL A) is executed, the data on the S-IN pin is copied to the
LSB of the accumulator.
If the control register is released from serial input mode, the S-IN pin goes into a high-impedance state, but no
through current flows internally. When the RL A instruction is executed, the MSB is copied to the LSB.
At reset (all cleared), the S-IN pin goes into a high-impedance state.
Figure 11-3. Configuration of the S-IN Pin
A 3
A 2
A 1
A 0
CY
Control register
S-IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36