Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1015 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN1015
Description  Software techniques for improving microcontrollers EMC performance
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1015 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN1015 Datasheet HTML 9Page - STMicroelectronics AN1015 Datasheet HTML 10Page - STMicroelectronics AN1015 Datasheet HTML 11Page - STMicroelectronics AN1015 Datasheet HTML 12Page - STMicroelectronics AN1015 Datasheet HTML 13Page - STMicroelectronics AN1015 Datasheet HTML 14Page - STMicroelectronics AN1015 Datasheet HTML 15Page - STMicroelectronics AN1015 Datasheet HTML 16Page - STMicroelectronics AN1015 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID5833 Rev 2
13/19
AN1015
Auto-recovery techniques
18
Figure 3. Example of auto-recovery software
3.2
Using the watchdog for local control
Very often programmers consider the watchdog timer more or less just as a time bomb and
only refresh it to its maximum value to have the widest possible margin without any direct
relation to the expected program execution time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19