Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN987 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce AN987
Description  ST7 SERIAL TEST CONTROLLER PROGRAMMING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN987 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button AN987 Datasheet HTML 2Page - STMicroelectronics AN987 Datasheet HTML 3Page - STMicroelectronics AN987 Datasheet HTML 4Page - STMicroelectronics AN987 Datasheet HTML 5Page - STMicroelectronics AN987 Datasheet HTML 6Page - STMicroelectronics AN987 Datasheet HTML 7Page - STMicroelectronics AN987 Datasheet HTML 8Page - STMicroelectronics AN987 Datasheet HTML 9Page - STMicroelectronics AN987 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
ST7 SERIAL TEST CONTROLLER PROGRAMMING
3 APPENDIX 1
The following table lists the devices supported by this application note and the specific starter
kit required for each sales type.
x = T, if the device is an OTP,
E, if the device is an EPROM.
Sales Type
Starter Kit supporting the device
ST72x101G1
ST7 MDT1 Starter kit or EPB
ST72x101G2
ST72x212G2
ST72x213G1
ST72x251G1
ST72x251G2
ST72x121J2
ST7 MDT2 Starter kit or EPB
ST72x121J4
ST72x311J2
ST72x311J4
ST72x311N2
ST72x311N4
ST72x331J2
ST72x331J4
ST72x331N2
ST72x331N4
ST72x272K2
ST7 MDT4 Starter kit or EPB
ST72x272K4
ST72x371N4
ST72x372J4
ST72x671N4
ST72x671N6



Html Pages

1 2 3 4 5 6 7 8 9 10