Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN979 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN979
Description  DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN979 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN979 Datasheet HTML 6Page - STMicroelectronics AN979 Datasheet HTML 7Page - STMicroelectronics AN979 Datasheet HTML 8Page - STMicroelectronics AN979 Datasheet HTML 9Page - STMicroelectronics AN979 Datasheet HTML 10Page - STMicroelectronics AN979 Datasheet HTML 11Page - STMicroelectronics AN979 Datasheet HTML 12Page - STMicroelectronics AN979 Datasheet HTML 13Page - STMicroelectronics AN979 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
6.4 SOFTWARE
All the source files in assembly code as well as in C code are given in the zip file with this ap-
plication note. The C code uses software library (ST7 software library version 1.1).
The source files are for guidance only. STMicroelectronics shall not be held liable for any di-
rect, indirect or consequential damages with respect to any claims arising from use of this soft-
ware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14