Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN975 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN975
Description  As part of a process of continuous improvement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN975 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN975 Datasheet HTML 3Page - STMicroelectronics AN975 Datasheet HTML 4Page - STMicroelectronics AN975 Datasheet HTML 5Page - STMicroelectronics AN975 Datasheet HTML 6Page - STMicroelectronics AN975 Datasheet HTML 7Page - STMicroelectronics AN975 Datasheet HTML 8Page - STMicroelectronics AN975 Datasheet HTML 9Page - STMicroelectronics AN975 Datasheet HTML 10Page - STMicroelectronics AN975 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9/11
UPGRADING FROM ST625X/6XB TO ST625X/6XC
2 DEVELOPMENT TOOLS
The information given in this section applies only to ST development tools. For information on
Third Party tools, please contact your supplier.
2.1 STARTER KIT
Some communication problems have been encountered when programming ST625X/6XC de-
vices with the old ST626X starter kit (MB080 board). If, during the programming phase, the
message “Cannot communicate with the device" is displayed, first check the parallel cable and
jumper settings. If everything is correct, we then recommend to replace the U2 chip
(74HC125) by a 74LS125 which has better thresholds.
To program ST625X/6XC devices we also advise to use the latest version of the ST626X
starter kit (MB196 board) (which can be easily distinguished from the old one as it has 2
sockets for programming DIP16/20/28 devices). The order code of the new starter kit is
ST626XC-KIT.
2.2 HDS2 EMULATOR SERIES
The ST626X-EMU2 emulator can be used to emulate ST625X/6XC devices without any mod-
ification. However, new features such as the LVD, OSG, LFAO are only emulated on the new
ST62GP-EMU2 emulator.
2.3 EPROM PROGRAMMING BOARD
In order to program ST625X/6XC devices, the ST62E6XB EPROM Programming Board
firmware has been updated. The revision level is identified by a sticker on the main IC on the
board. The marking must be 310-32 or higher.
If the board has an earlier revision level, contact your local distributor or ST sales office to
order an upgrade or a new EPB (Order code ST626XC-EPB).
2.4 GANG PROGRAMMER
Like the EPB, the firmware of the gang programmer has been updated. The marking on the
chip must be at least 623-30.
If the programmer has an earlier revision level, contact your local distributor or ST sales office
to order an upgrade or a new Gang Programmer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11