Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN970 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce AN970
Description  SPI COMMUNICATION BETWEEN ST7 AND EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN970 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button AN970 Datasheet HTML 2Page - STMicroelectronics AN970 Datasheet HTML 3Page - STMicroelectronics AN970 Datasheet HTML 4Page - STMicroelectronics AN970 Datasheet HTML 5Page - STMicroelectronics AN970 Datasheet HTML 6Page - STMicroelectronics AN970 Datasheet HTML 7Page - STMicroelectronics AN970 Datasheet HTML 8Page - STMicroelectronics AN970 Datasheet HTML 9Page - STMicroelectronics AN970 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
SPI COMMUNICATION BETWEEN ST7 AND EEPROM
5.2 HARDWARE DESCRIPTION
Two components were used for the application:
- 1 ST72264 MCU
- 1 M95040 EEPROM
Figure 2. Hardware description
SS pin of ST72264 is software driven (high state for a master device).
The SCK pin is connected to the serial clock pin (C) of the E²PROMs.
The MOSI pin to the serial input pins (D).
The MISO pin to the serial output pins (Q).
S pin of the EEPROM is connected to the PB3 output pin of ST72264.
5.3 FLOWCHARTS
The flowchart of the application is presented below (Figure 3).
Q
D
S
VCC
VSS
C
W
H
ST72264
110pF
M95040
VCC
VCC
VSS
VCC
VSS
1
VCC
VSS
SS (soft driven)
SCK
PB3
MISO
MOSI
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10