| Moteur de recherche de fiches techniques de composants électroniques |
|
AN969 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN969 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 10 page ![]() 9/10 SCI COMMUNICATION BETWEEN ST7 AND PC Figure 5. Transmission mode, Reception mode 4.4 SOFTWARE All the source files in assembly code are given in the zip file with application note. The source files are for guidance only. STMicroelectronics shall not be held liable for any di- rect, indirect or consequential damages with respect to any claims arising from use of this soft- ware. A Nb = 4 set SCI peripheral in transmission mode send the byte from address (Nb-1) of buffer Nb = Nb - 1 byte sent ? Nb = 0 ? B no yes no yes B Nb = 4 set SCI peripheral in reception mode put new byte into buffer at address (Nb-1) Nb = Nb - 1 new byte Nb = 0 ? A no yes no yes received ? |