Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN910 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 23Page - STMicroelectronics AN910 Datasheet HTML 24Page - STMicroelectronics AN910 Datasheet HTML 25Page - STMicroelectronics AN910 Datasheet HTML 26Page - STMicroelectronics AN910 Datasheet HTML 27Page - STMicroelectronics AN910 Datasheet HTML 28Page - STMicroelectronics AN910 Datasheet HTML 29Page - STMicroelectronics AN910 Datasheet HTML 30Page - STMicroelectronics AN910 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
27/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
7.2.3 Special addressing modes and instructions
Test routines assembly code analysis has pointed out that some addressing modes and
instructions can reduce significantly the code size. To a minor extent, execution time may also
be decreased. The addressing modes and instructions concerned are usually those which
allow to make two operations within a single instruction.
Indirect with pre/post-increment addressing mode is an example. This mode is very useful for
loops and block moves. Modes allowing memory-to-memory transfers are another example
for block moves. In the same way, instructions such as bit test & set, decrement & branch, or
compare & branch have stood out for the same reasons.
These addressing modes and instructions are mentioned in tables as special addressing
modes and special instructions.
7.3 MCU CORE ANALYSIS
The following paragraphs are synthetical diagrams presenting the main parameters of core
architecture for each MCU. Those parameters have been synthesized from the databooks.
Some special characteristics are also mentioned, even if they are not really significant for the
benchmark result analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51