| Moteur de recherche de fiches techniques de composants électroniques |
|
AN901 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN901 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 14 page ![]() 13/14 EMC GUIDELINES FOR MICROCONTROLLER-BASED APPLICATIONS 4 CONCLUSION The purpose of this application note is to convince designers of microcontroller applications to take EMC performances into consideration at the very beginning of the project. Most of the EMC improvements presented in this document are already known, but they must be applied. There is no single action to meet EMC performance requirements, as each tech- nique yields a small improvement. Only a comprehensive application of the techniques men- tioned can lead to optimum EMC performances. STMicroelectronics, which has acquired ex- tensive EMC expertise for their microcontrollers, makes their expertise available to their cus- tomers. |