Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN900 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN900
Description  INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN900 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN900 Datasheet HTML 5Page - STMicroelectronics AN900 Datasheet HTML 6Page - STMicroelectronics AN900 Datasheet HTML 7Page - STMicroelectronics AN900 Datasheet HTML 8Page - STMicroelectronics AN900 Datasheet HTML 9Page - STMicroelectronics AN900 Datasheet HTML 10Page - STMicroelectronics AN900 Datasheet HTML 11Page - STMicroelectronics AN900 Datasheet HTML 12Page - STMicroelectronics AN900 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
Figure 9. Wire Bonding Operation
The chip is then mounted in a ceramic or plastic package. The package not only protects the
chip from external shocks, but also makes the whole device easier to handle. Theses pack-
ages come in a variety of shapes and sizes depending on the die itself and the application in
which it will be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15