Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN886 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce AN886
Description  A customer who develops an MCU-based application needs various levels of flexibility in order
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN886 Fiches technique(HTML) 4 Page - STMicroelectronics

  AN886 Datasheet HTML 1Page - STMicroelectronics AN886 Datasheet HTML 2Page - STMicroelectronics AN886 Datasheet HTML 3Page - STMicroelectronics AN886 Datasheet HTML 4Page - STMicroelectronics AN886 Datasheet HTML 5Page - STMicroelectronics AN886 Datasheet HTML 6Page - STMicroelectronics AN886 Datasheet HTML 7Page - STMicroelectronics AN886 Datasheet HTML 8Page - STMicroelectronics AN886 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
SELECTING BETWEEN ROM, FASTROM AND OTP FOR A MICROCONTROLLER
2 COMPARISON OF PRODUCTION FLOWS FOR ROM AND OTP
ROM and OTP devices have exactly the same functional and electrical behaviour in an appli-
cation because STMicroelectronics designs the two products with the same methodology. ROM
and OTP devices are qualified using the same procedures. They are tested using the same test
flows (see further) and with the same parameter limits. A good indication of device similarity
is EMC (electromagnetic noise immunity) measurements performed on both versions (ROM
and OTP) for the same MCU device.
ST6220 (ROM version)
ST62T20 (OTP version)



Html Pages

1 2 3 4 5 6 7 8 9