| Moteur de recherche de fiches techniques de composants électroniques |
|
AN677 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN677 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 14 page ![]() 6 CONCLUSION The presented application demonstrates that a powerful and intuitive tool is available for data treatment and sequencing control in microcontroller based designs. The actual limitation to 10ms of its timing features is compatible with a very wide range of applications in automatic or electromechanics systems, for example: Smart sensors, replacement of relay-based systems, car equipment (window lifter, body mirror) and coded keys identifiers. Finally, the files generated by the Analyse tool (The source file in macro-assembler language, symbolic table and binary executable code) are obtained by a hidden call to genuine tools which combine the power and integrity of the development tools with a convivial user interface. The generated files are available to MCU designers who wish to mix or link an ST6-Realizer based application with other application code. The system shown is an open system that may interest experienced designers who want to reduce their development time as well as the engineers with system know-how who want to easily shift to MCU solutions. Actum Realizer is a trademark of Actum Solutions, The Netherlands. 13/14 |