| Moteur de recherche de fiches techniques de composants électroniques |
|
AN440 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN440 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() Principle of proposed gate circuit AN440 2/8 1 Principle of proposed gate circuit To drive the TRIAC in the 2nd and 3rd quadrants, a discharge capacitor is used as shown in Figure 2. Figure 2. Basic diagram of the triggering circuit When the transistor Tr is switched off, capacitor C is charged through resistance R2 and diode D. The diode is used to avoid a capacitor charging current through the TRIAC gate. A Schottky diode could be used to keep the voltage drop level below the gate non trigger voltage (VGD). When the TRIAC is triggered, Tr transistor is switched on, C is discharged through R1 and Tr and a negative current flows through the TRIAC gate. We have to consider different parameters to define all the components: ● The TRIAC gate triggering current (IGT). ● The time duration of the gate current pulse. ● The TRIAC latching current (IL) especially for low rms current loads. + Vcc LINE I/O MCU GND LOAD D R1 C R2 R3 TRIAC Tr + Vcc GND + Vcc I/O MCU GND LOAD D R1 C R2 R3 TRIAC Tr + Vcc GND |