| Moteur de recherche de fiches techniques de composants électroniques |
|
AN439 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN439 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 16 page ![]() AN439 Logic level and Snubberless TRIACs 11/16 BTA / BTB 25 600 or 800 CW 35 500 13 12.5 BW 50 1 000 22 1. (dI/dt)c specified without snubber Table 2. (dI/dt)c specification for available BW and CW Snubberless TRIACs and slope of the different decreasing rms on-state currents (IT(RMS)) |