| Moteur de recherche de fiches techniques de composants électroniques |
|
AN437 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN437 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 18 page ![]() AN437 How to design snubber circuit for turn-off improvement 7/18 2 How to design snubber circuit for turn-off improvement 2.1 Step response of an RLC series circuit The RSCS snubber circuit makes up a resonant circuit with an inductive load (refer L and R on Figure 7). At turn-off, the snubber circuit limits the slope of the reapplied voltage (dV/dtOFF) but generates an overvoltage (VP). The snubber circuit design results in a trade- off to respect both the reapplied voltage slope ((dV/dt)c) and the maximum peak off-state voltage under pulse conditions (VDSM / VRSM). The electrical circuit analyzed in this paragraph is given by Figure 7. Figure 7. Application circuit and its equivalent diagram at turn-off For a second order linear differential equation with a step function input, the voltage variation across the snubber capacitance (VCs(t)) and the TRIAC (VT(t)) is given by: Equation 1 Equation 2 With damping factor: Equation 3 Undamped natural resonance: Equation 4 V T I G G I T V Mains Load LR I T V T E Load LR R S C S R S C S Application circuit Equivalent diagram at turn-off VV Cs Cs ≈ E ) t ( V dt ) t ( dV 2 dt ) t ( V d 1 Cs Cs 0 2 Cs 2 2 0 = + +· . · ω ξ ω ) t ( V dt ) t ( dV C R ) t ( V Cs Cs S S T + · · = ) H ( ) F ( S ) ( S L C 2 ) R R ( · Ω + = ξ ) F ( S ) H ( ) s / rad ( 0 C L 1 · = ω |