Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN431 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN431
Description  Using ST6 analog inputs for multiple key decoding
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN431 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN431 Datasheet HTML 7Page - STMicroelectronics AN431 Datasheet HTML 8Page - STMicroelectronics AN431 Datasheet HTML 9Page - STMicroelectronics AN431 Datasheet HTML 10Page - STMicroelectronics AN431 Datasheet HTML 11Page - STMicroelectronics AN431 Datasheet HTML 12Page - STMicroelectronics AN431 Datasheet HTML 13Page - STMicroelectronics AN431 Datasheet HTML 14Page - STMicroelectronics AN431 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ANALOG KEYBOARD
13/15
s1:
s2:
s3:
s4:
s5:
s6:
s7:
s8:
s9:
;*** Each routine must end with the following lines in order to enable
;*** another interrupt when the next key is pressed.
call en_kint ; enable another interrupt
return:
reti



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15