Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN421 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN421
Description  In real time applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN421 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN421 Datasheet HTML 3Page - STMicroelectronics AN421 Datasheet HTML 4Page - STMicroelectronics AN421 Datasheet HTML 5Page - STMicroelectronics AN421 Datasheet HTML 6Page - STMicroelectronics AN421 Datasheet HTML 7Page - STMicroelectronics AN421 Datasheet HTML 8Page - STMicroelectronics AN421 Datasheet HTML 9Page - STMicroelectronics AN421 Datasheet HTML 10Page - STMicroelectronics AN421 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN421
Summary
Doc ID 2476 Rev 2
9/11
4
Summary
Protection of software against externally generated perturbations can be made by additional
test routines.
This protection can easily be increased by using the ST9 Timer/Watchdog bringing software
reliability and security. With the Timer/Watchdog the ST9 program can control that the
software executing properly. Additionally, when restarting the Timer Watchdog from values
(AAh, 55h) located at the bottom of the system stack two additional security functions are
added:
Test of the integrity of the Register File or the RAM space
Provision of a system reset in the case of stack overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11