Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN302 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce AN302
Description  The purpose of this note is to familiarize
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN302 Fiches technique(HTML) 2 Page - STMicroelectronics

  AN302 Datasheet HTML 1Page - STMicroelectronics AN302 Datasheet HTML 2Page - STMicroelectronics AN302 Datasheet HTML 3Page - STMicroelectronics AN302 Datasheet HTML 4Page - STMicroelectronics AN302 Datasheet HTML 5Page - STMicroelectronics AN302 Datasheet HTML 6Page - STMicroelectronics AN302 Datasheet HTML 7Page - STMicroelectronics AN302 Datasheet HTML 8Page - STMicroelectronics AN302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Application examples
AN302
2/10
1
Application examples
The importance of the holding current is highlighted by the following application examples.
1.1
Example 1: light dimmer
Figure 2.
Dimmer with interference suppression filter (coil and capacitor)
Figure 3.
Current in the dimmer TRIAC
In the dimmer circuit of Figure 2 the interference suppression filter can produce oscillations.
If the minimum current during these oscillations is higher than the holding current, that is, if
IO >IH in Figure 3, the TRIAC remains turned on. But if IO falls below IH, the TRIAC will be
blocked.
It is possible, if the coil is the incorrect type or of poor quality, that the oscillation is
insufficiently damped and the TRIAC current falls below the holding current. This results in
untimely blocking of the TRIAC. However, it is turned on again at the next gate current pulse;
but the oscillations again prevent continuous conduction and the lamp flickers. Hence this is
known as the flicker effect.
How to prevent the flicker effect
The flicker effect can be prevented by using an appropriate interference suppression filter
which does not produce extensive oscillations, and then by choosing a TRIAC with a lower
holding current.
IG
RC phase-shift network
220V
IT
L
C
Triac
Load
Interference suppression
LC filter
IT
t
IH
IO



Html Pages

1 2 3 4 5 6 7 8 9 10