| Moteur de recherche de fiches techniques de composants électroniques |
|
LT1306 Fiches technique(PDF) 13 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1306 Fiches technique(HTML) 13 Page - Linear Technology |
|
13 / 16 page ![]() 13 LT1306 GROUND PLANE S/S VC R2 R1 VOUT VIN CO1 1306 F08 GND L1 VIAS R3 CO2 CIN2 C1 D1 CIN1 CP CZ 1 2 3 4 8 7 6 5 LT1306 APPLICATIONS INFORMATION Figure 8. Recommended Component Placement for LT1306. Notice That the Input and the Output Capacitors Are Grounded at the Same Point. A Ground Plane Under the DC/DC Converter Is Highly Recommended. Use Multiple Vias to Tie Pin 4 Copper to the Ground Plane |