| Moteur de recherche de fiches techniques de composants électroniques |
|
LM337 Fiches technique(PDF) 12 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LM337 Fiches technique(HTML) 12 Page - Linear Technology |
|
12 / 12 page ![]() LT137A/LM137 LT337A/LM337 12 137afb Linear Technology Corporation 1630 McCarthy Blvd., Milpitas, CA 95035-7417 (408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com © LINEAR TECHNOLOGY CORPORATION 1983 LT 0807 REV B • PRINTED IN USA M(DD3) (STRAIGHT) 0801 .045 – .055 (1.143 – 1.397) .165 – .180 (4.191 – 4.572) .050 (1.270) TYP .090 – .110 (2.286 – 2.794) .013 – .023 (0.330 – 0.584) .095 – .115 (2.413 – 2.921) .028 – .038 (0.711 – 0.965) .520 – .570 (13.208 – 14.478) .218 – .252 (5.537 – 6.401) .330 – .370 (8.382 – 9.398) .060 (1.524) TYP .390 – .415 (9.906 – 10.541) 15 ° TYP .420 .350 .565 .090 .070 TYP .100 BSC .420 .276 .325 .205 .080 .565 .090 .070 TYP .100 BSC RECOMMENDED SOLDER PAD LAYOUT FOR THICKER SOLDER PASTE APPLICATIONS RECOMMENDED SOLDER PAD LAYOUT NOTE: 1. DIMENSIONS IN INCH/(MILLIMETER) 2. DRAWING NOT TO SCALE .320 .100 (2.540) BSC .028 – .038 (0.711 – 0.965) T3 (TO-220) 0801 .045 – .055 (1.143 – 1.397) .165 – .180 (4.191 – 4.572) .095 – .115 (2.413 – 2.921) .013 – .023 (0.330 – 0.584) .520 – .570 (13.208 – 14.478) .980 – 1.070 (24.892 – 27.178) .218 – .252 (5.537 – 6.401) .050 (1.270) TYP .147 – .155 (3.734 – 3.937) DIA .390 – .415 (9.906 – 10.541) .330 – .370 (8.382 – 9.398) .460 – .500 (11.684 – 12.700) .570 – .620 (14.478 – 15.748) .230 – .270 (5.842 – 6.858) M Package 3-Lead Plastic DD Pak (Reference LTC DWG # 05-08-1460) PACKAGE DESCRIPTION T Package 3-Lead Plastic TO-220 (Reference LTC DWG # 05-08-1420) |