| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1806 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1806 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 16 page ![]() January 2015 DocID026737 Rev 1 1/16 UM1806 User manual EFL700A39 evaluation board kits and design-in board user guide Introduction: This note describes the operation and the instruction for using the two boards developed for training and supporting the design of the solid state thin film battery EnFilm™ EFL700A39. The evaluation kit (order number: EFL700EVALKIT) allows to discover the operation of the EFL700A39 and to monitor the voltage and the dynamic charge / discharge current in real use-case condition. The power management board (order number: EFL700PMB) is rather a design-in board including all the necessary power management circuit around the EFL700A39 and can be directly connected and used in the application for a fast evaluation. Figure 1. EFL700EVALKIT Figure 2. EFL700PMB www.st.com |
Numéro de pièce similaire - UM1806 |
|
Description similaire - UM1806 |