Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1691 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce UM1691
Description  The EVAL6470H-DISC can be used together
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1691 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button UM1691 Datasheet HTML 24Page - STMicroelectronics UM1691 Datasheet HTML 25Page - STMicroelectronics UM1691 Datasheet HTML 26Page - STMicroelectronics UM1691 Datasheet HTML 27Page - STMicroelectronics UM1691 Datasheet HTML 28Page - STMicroelectronics UM1691 Datasheet HTML 29Page - STMicroelectronics UM1691 Datasheet HTML 30Page - STMicroelectronics UM1691 Datasheet HTML 31Page - STMicroelectronics UM1691 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
General description
UM1691
28/41
DocID025486 Rev 2
b)
If no problem is detected, the LEDs will start an infinite two-step loop:
In the first step, the four LEDs will switch on one after the other by starting by the
green one and ending by the yellow one.
Figure 22. Starting board (board OK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41