| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0352 Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 138 page ![]() Watchdog timer (WDG) RM0352 46/138 DocID024647 Rev 1 Table 47. Watchdog PCell identification register WDTPCellID0-3 - part 2 Table 48. Watchdog PCell identification register WDTPCellID0-3 - part 3 Table 49. Watchdog PCell identification register WDTPCellID0-3 - part 4 WDTPCellID1 (WDT Base + 0xFF4) Reset value: 0x0000_00F0 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED WDTPCellID1 RR WDTPCellID2 (WDT Base + 0xFF8) Reset value: 0x0000_0005 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED WDTPCellID2 RR WDTPCellID3 (WDT Base + 0xFFC) Reset value: 0x0000_00B1 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED WDTPCellID3 RR Table 50. WDTPCellID0-3 register bit fields Bit field Function WDTPCellID0 These bits read back as 0x0D WDTPCellID1 These bits read back as 0xF0 WDTPCellID2 These bits read back as 0x05 WDTPCellID3 These bits read back as 0xB1 |