Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0352 Fiches technique(PDF) 136 Page - STMicroelectronics

No de pièce RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Fiches technique(HTML) 136 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 130Page - STMicroelectronics RM0352 Datasheet HTML 131Page - STMicroelectronics RM0352 Datasheet HTML 132Page - STMicroelectronics RM0352 Datasheet HTML 133Page - STMicroelectronics RM0352 Datasheet HTML 134Page - STMicroelectronics RM0352 Datasheet HTML 135Page - STMicroelectronics RM0352 Datasheet HTML 136Page - STMicroelectronics RM0352 Datasheet HTML 137Page - STMicroelectronics RM0352 Datasheet HTML 138Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 136 / 138 page
background image
UART (universal asynchronous receive transmit)
RM0352
136/138
DocID024647 Rev 1
UARTPCellID2 register
The UARTPCellID2 register is hard coded and the fields in the register determine the reset
value.
Table 137 lists the register bit assignments.
UARTPCellID3 register
The UARTPCellID3 register is hard coded and the fields in the register determine the reset
value.
Table 138 lists the register bit assignments.
Table 137. UARTPCellID2 register
Bits
Name
Description
15:8
-
RESERVED, read undefined, must read as zeros.
7:0
UARTPCellID2
These bits read back as 0x05.
Table 138. UARTPCellID3 register
Bits
Name
Description
15:8
-
RESERVED, read undefined, must read as zeros.
7:0
UARTPCellID3
These bits read back as 0xB1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More