| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0352 Fiches technique(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 Fiches technique(HTML) 117 Page - STMicroelectronics |
|
117 / 138 page ![]() DocID024647 Rev 1 117/138 RM0352 UART (universal asynchronous receive transmit) 137 The transmit and receive data flow interrupts UARTRXINTR and UARTTXINTR have been separated from the status interrupts. This enables use of the UARTRXINTR and UARTTXINTR so that data can be read or written in response to the FIFO trigger levels. The error interrupt, UARTEINTR, can be triggered when there is an error in the reception of data. A number of error conditions are possible. The modem status interrupt, UARTMSINTR, is a combined interrupt of all the individual modem status signals. The status of the individual interrupt sources can be read either from the raw interrupt status register, UARTRIS -see Section 12.6.11 on page 131 or from the masked interrupt status register, UARTMIS - see Section 12.6.12 on page 132. 12.4.1 UARTMSINTR The modem status interrupt is asserted if any of the modem status signals (nUARTCTS, nUARTDCD, nUARTDSR, and nUARTRI) change. It is cleared by writing a 1 to the corresponding bit(s) in the interrupt clear register, UARTICR - see Section 12.6.13 on page 133, depending on the modem status signals that generated the interrupt. 12.4.2 UARTRXINTR The receive interrupt changes state when one of the following events occurs: • If the FIFOs are enabled and the receive FIFO reaches the programmed trigger level. When this happens, the receive interrupt is asserted HIGH. The receive interrupt is cleared by reading data from the receive FIFO until it becomes less than the trigger level, or by clearing the interrupt. • If the FIFOs are disabled (have a depth of one location) and data is received thereby filling the location, the receive interrupt is asserted HIGH. The receive interrupt is cleared by performing a single read of the receive FIFO, or by clearing the interrupt. 12.4.3 UARTTXINTR The transmit interrupt changes state when one of the following events occurs: • If the FIFOs are enabled and the transmit FIFO is equal to or lower than the programmed trigger level then the transmit interrupt is asserted HIGH. The transmit interrupt is cleared by writing data to the transmit FIFO until it becomes greater than the trigger level, or by clearing the interrupt. • If the FIFOs are disabled (have a depth of one location) and there is no data present in the transmitters single location, the transmit interrupt is asserted HIGH. It is cleared by performing a single write to the transmit FIFO, or by clearing the interrupt. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |