Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0222 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce PM0222
Description  Brain smart hub family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0222 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button PM0222 Datasheet HTML 24Page - STMicroelectronics PM0222 Datasheet HTML 25Page - STMicroelectronics PM0222 Datasheet HTML 26Page - STMicroelectronics PM0222 Datasheet HTML 27Page - STMicroelectronics PM0222 Datasheet HTML 28Page - STMicroelectronics PM0222 Datasheet HTML 29Page - STMicroelectronics PM0222 Datasheet HTML 30Page - STMicroelectronics PM0222 Datasheet HTML 31Page - STMicroelectronics PM0222 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
I2C
PM0222
28/33
DocID025476 Rev 1
Figure 2. I2C2 double bonding
Note:
In serial mode 0, it is recommended to select the open-drain I/O configuration
(I2C_CONFIG[0]) = ‘1’ and push-pull I/Os configuration (I2C_CONFIG[0] = ‘0’) for the other
mode.
10.4.2
I2C1
The second bit of the I2C_CONF register (see Brain reference manual, GPIO chapter) is
used to select between an open-drain and a push-pull I/O for the I2C1 SDA line.
I2C_CONF[1] = ‘1’ selects the open-drain I/O while I2C_CONF[1] = ‘0’ selects the push-pull
I/O. Once this configuration is selected, the serial mode 0 (see Section 5.1.1: I/O mode) has
to be selected for IO2 and IO3 to access the I2C1.
Figure 3. I2C1M double bonding
Note:
In serial mode 0, it is recommended to select the open-drain I/O configuration
(I2C_CONFIG[1]) = ‘1’ and the push-pull I/Os configuration (I2C_CONFIG[1] = ‘0’) for the
other mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33