Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4650 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 19Page - STMicroelectronics AN4650 Datasheet HTML 20Page - STMicroelectronics AN4650 Datasheet HTML 21Page - STMicroelectronics AN4650 Datasheet HTML 22Page - STMicroelectronics AN4650 Datasheet HTML 23Page - STMicroelectronics AN4650 Datasheet HTML 24Page - STMicroelectronics AN4650 Datasheet HTML 25Page - STMicroelectronics AN4650 Datasheet HTML 26Page - STMicroelectronics AN4650 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 102 page
background image
DocID027415 Rev 1
23/102
AN4650
Operating modes
102
2.6.1
Accelerometer slope filter
As shown in Figure 2, the LSM6DS3 device embeds a digital slope filter which is used for
activity/inactivity and single/double-tap features; it can also be used for wake-up detection
when the SLOPE_FDS bit of the TAP_CFG register is set to 0.
The slope filter output data is computed using the following formula:
slope(tn) = [ acc(tn) - acc(tn-1) ] / 2
An example of a slope data signal is illustrated in Figure 3.
Figure 3. Accelerometer slope filter
Table 10. Accelerometer LPF2 cutoff frequency
HPCF_XL[1:0]
LPF2 digital filter
cutoff frequency [Hz]
00
ODR_XL / 50
01
ODR_XL / 100
10
ODR_XL / 9
11
ODR_XL / 400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More