Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4599 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN4599
Description  This application note describes the features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4599 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN4599 Datasheet HTML 5Page - STMicroelectronics AN4599 Datasheet HTML 6Page - STMicroelectronics AN4599 Datasheet HTML 7Page - STMicroelectronics AN4599 Datasheet HTML 8Page - STMicroelectronics AN4599 Datasheet HTML 9Page - STMicroelectronics AN4599 Datasheet HTML 10Page - STMicroelectronics AN4599 Datasheet HTML 11Page - STMicroelectronics AN4599 Datasheet HTML 12Page - STMicroelectronics AN4599 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DocID026993 Rev 1
9/26
AN4599
Circuit description
26
Figure 4. Current sensing lossless capacitive current divider
2.6
Thermal protection
To render the application unbreakable, it was necessary to apply thermal protection near the
output diodes, the warmest area on the power (PWR) supply.
A thermal resistor NTC2 in partition with the R2 resistance is processed by a TSM103W,
used as comparator with high hysteresis.
When the output diodes reach 120 °C, the output of TSM103W drives Q3 to drain the
current from the optocoupler. The PWR supply shuts off and stays off as long as TSM103W
is supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26