Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4544 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce AN4544
Description  IGBT datasheet tutorial
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4544 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button AN4544 Datasheet HTML 26Page - STMicroelectronics AN4544 Datasheet HTML 27Page - STMicroelectronics AN4544 Datasheet HTML 28Page - STMicroelectronics AN4544 Datasheet HTML 29Page - STMicroelectronics AN4544 Datasheet HTML 30Page - STMicroelectronics AN4544 Datasheet HTML 31Page - STMicroelectronics AN4544 Datasheet HTML 32Page - STMicroelectronics AN4544 Datasheet HTML 33Page - STMicroelectronics AN4544 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Datasheet explanation
AN4544
30/35
DocID026535 Rev 1
2.7.7
Short-circuit withstand time - tsc
In motor control applications, the ability to turn off safely due to a load or equipment short-
circuit is a very important requirement on the power switching device.
When a current overload occurs, collector current rises rapidly so the power device limits
the current amplitude to a safe level for a period of time that allows the control circuit to
detect the fault and turn the device off.
Specific IGBT technology and series are produced to show such features.
Figure 29. Short-circuit performance example
Table 11. Maximum ratings for short-circuit withstand time
Symbol
Description
Test conditions
Min.
Typ.
Max.
Unit
tsc
Short-circuit withstand time
VCC ≤ 360, VGE = 15 V,
Tjstart ≤ 150 ºC
6-
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35