Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4337 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN4337
Description  power MOSFETs are considered rugged with respect to the avalanche
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4337 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN4337 Datasheet HTML 6Page - STMicroelectronics AN4337 Datasheet HTML 7Page - STMicroelectronics AN4337 Datasheet HTML 8Page - STMicroelectronics AN4337 Datasheet HTML 9Page - STMicroelectronics AN4337 Datasheet HTML 10Page - STMicroelectronics AN4337 Datasheet HTML 11Page - STMicroelectronics AN4337 Datasheet HTML 12Page - STMicroelectronics AN4337 Datasheet HTML 13Page - STMicroelectronics AN4337 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DocID025012 Rev 1
11/14
AN4337
IAR and EAS electrical thermal approach
14
Figure 7. Typical clamp circuit of flyback topology
The second one is to choose a flyback transformer with ferromagnetic core features such
that the saturation current value is higher, thus limiting the uncontrolled effect of the
saturation.
However, if the geometry of the flyback transformer cannot be changed, we suggest
optimizing the transformer by introducing a gap in the ferromagnetic core. In this way, the
saturation phenomenon is reduced since the leakage inductance is slightly increased. Due
to this increase in the leakage inductance, the electrical efficiency of the system could
decrease slightly, but the safety margin in terms of the IAR avalanche current increases, thus
satisfying the initial objective.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14