Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2846 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 17Page - STMicroelectronics AN2846 Datasheet HTML 18Page - STMicroelectronics AN2846 Datasheet HTML 19Page - STMicroelectronics AN2846 Datasheet HTML 20Page - STMicroelectronics AN2846 Datasheet HTML 21Page - STMicroelectronics AN2846 Datasheet HTML 22Page - STMicroelectronics AN2846 Datasheet HTML 23Page - STMicroelectronics AN2846 Datasheet HTML 24Page - STMicroelectronics AN2846 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
AN2846
Thermal dissipation calculation
Doc ID 15130 Rev 1
21/35
Figure 30 shows the temperature gradient of the SCLT3-8 board with the same supply
conditions as above. Almost the totality of the power is concentrated around the SCLT3-8
and its heatsink. No particular temperature hot spot can be detected on the board.
Figure 30.
Temperature gradient of the board
Profil 1
Profil 1
Profil 1
Profil 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35