| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2626 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2626 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 13 page ![]() AN2626 MOSFET body diode recovery 9/13 In normal condition the source and body regions (that is the emitter and the base of the parasitic bipolar) are shorted via upper source metallization, but by flowing a significant current into the body region below the source region (see Figure 7), the intrinsic resistance of this region (shown as Rb) could divert a sufficient current portion able to trigger on the parasitic bipolar; it means creating a short circuit between drain and source pins thus, destroying the device. Figure 7. Current flow due to the reverse recovery of the body diode Hence, in order to overcome the previous problems, a MOSFET should have some characteristics: ● The intrinsic body diode with low Trr and low Qrr; ● Ruggedness to the stress due to the trigger on of the parasitic bipolar. To meet the need related to the body diode a new technology has been developed. The new FD (fast diode) MOSFET has straightforward advantages in terms of Trr, Qrr, Irm and ruggedness in dv/dt. |