| Moteur de recherche de fiches techniques de composants électroniques |
|
AN585 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN585 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 5 page ![]() 3/5 AN585 APPLICATION NOTE Figure 3. Central office / PABX - U-Interface protection Figure 4. NT1 = S-Interface protection CONCLUSION Due to the sensitivity of ISDN to capacitance imbalance on the lines, tribalanced protection has to be used where common-mode protection of lines with different bias voltages is required. ST offers a wide range of devices designed specifically for ISDN protection, enabling this requirement to be satisfied. +V LINE U – V BAT42 PTC ABSOLUTE GND REFERENCE SMPS +V – V PTC TPIxx or SMTHDTxx TPUxx U INTERFACE S INTERFACE TE ABSOLUTE GND REFERENCE TPIxx or SMTHDTxx TPUxx TPIxx or SMTHDTxx TPUxx SMPS FLOATING GND BAT42 BAT42 |