Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN579 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce AN579
Description  PROTECTION CONCEPTS IN TELECOMMUNICATIONS EQUIPMENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN579 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button AN579 Datasheet HTML 2Page - STMicroelectronics AN579 Datasheet HTML 3Page - STMicroelectronics AN579 Datasheet HTML 4Page - STMicroelectronics AN579 Datasheet HTML 5Page - STMicroelectronics AN579 Datasheet HTML 6Page - STMicroelectronics AN579 Datasheet HTML 7Page - STMicroelectronics AN579 Datasheet HTML 8Page - STMicroelectronics AN579 Datasheet HTML 9Page - STMicroelectronics AN579 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AN579 APPLICATION NOTE
6/10
Figure 10. Series and parallel protection
The secondary protection level is generally achieved with two types of devices:
– The series protection ensures protection against the proximity of or the crossing with AC power lines.
– The parallel protection operates to suppress the overvoltages due to the lightning effects.
Series devices: Series devices operate by opening the circuit or by an increment of the resistance.
Figure 11. Fuse protection
The fuse is a classical case of protection by opening the circuit. Figure 11 shows an exchange protected
by fuses and Figure 12 represents an example of the limit curve of the fusing action.
MODULE
TO BE
PROTECTED
1
2
1: Series protection.
2: Parallel protection.
LINE
EXCHANGE
FUSE
FUSE



Html Pages

1 2 3 4 5 6 7 8 9 10