Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN576 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce AN576
Description  PCB LAYOUT OPTIMISATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN576 Fiches technique(HTML) 4 Page - STMicroelectronics

  AN576 Datasheet HTML 1Page - STMicroelectronics AN576 Datasheet HTML 2Page - STMicroelectronics AN576 Datasheet HTML 3Page - STMicroelectronics AN576 Datasheet HTML 4Page - STMicroelectronics AN576 Datasheet HTML 5Page - STMicroelectronics AN576 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AN576
4/6
Figure 6. Distributed protection
DISTRIBUTED PROTECTION
The printed circuit board shown in Figure 5 represents a general case. In this board the input/output lines
are protected close to the connector and overvoltages are cancelled close to the disturbance sources. The
other lines to be protected are the power supply wires which carry 3 kinds of disturbances:
– The overvoltages resulting from mains perturbations.
– The surges coming from the other boards supplied by these lines.
– The disturbances generated on the board by the normal operation of the resident module, for example
the di/dt due to the fast switching of a buffer.
To suppress these surges we suggest a powerful Transil (1.5 KE for example) close to the power supply
input on the board, and some lower power devices (e.g. BZW04) distributed around the board area.
CONCLUSION
Due to the parasitic inductance of PCB tracks, a protection device chosen purely according to disturbance
standards does not assure immunity from surges. Carefully designed PCB layout plus correct device se-
lection from the STMicroelectronics range is essential to guarantee adequate protection.
DISTURBANCE
SOURCE
PRINTED BOARD
SENSITIVE PARTS



Html Pages

1 2 3 4 5 6