Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1688 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UM1688
Description  In combination with the STEVAL-PCC009V2 demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1688 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UM1688 Datasheet HTML 19Page - STMicroelectronics UM1688 Datasheet HTML 20Page - STMicroelectronics UM1688 Datasheet HTML 21Page - STMicroelectronics UM1688 Datasheet HTML 22Page - STMicroelectronics UM1688 Datasheet HTML 23Page - STMicroelectronics UM1688 Datasheet HTML 24Page - STMicroelectronics UM1688 Datasheet HTML 25Page - STMicroelectronics UM1688 Datasheet HTML 26Page - STMicroelectronics UM1688 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
DocID025471 Rev 2
23/41
UM1688
Boards description
41
Table 14. EVAL6472H - slave SPI connector pinout (J11)
Pin number
Type
Description
1
Open drain output
L6472 BUSY output
2
Open drain output
L6472 FLAG output
3
Ground
Ground
4
Supply
EXT_VDD (can be used as external logic power supply)
5
Digital output
SPI master IN slave OUT signal (connected to pin 5 of J10)
6
Digital input
SPI serial clock signal (connected to L6472 CK input)
7
Digital input
SPI master OUT slave IN signal (connected to L6472 SDO output)
8
Digital input
SPI slave select signal (connected to L6472 CS input)
9
Digital input
L6472 step-clock input
10
Digital input
L6472 standby/reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41