Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1479 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce UM1479
Description  The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1479 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button UM1479 Datasheet HTML 12Page - STMicroelectronics UM1479 Datasheet HTML 13Page - STMicroelectronics UM1479 Datasheet HTML 14Page - STMicroelectronics UM1479 Datasheet HTML 15Page - STMicroelectronics UM1479 Datasheet HTML 16Page - STMicroelectronics UM1479 Datasheet HTML 17Page - STMicroelectronics UM1479 Datasheet HTML 18Page - STMicroelectronics UM1479 Datasheet HTML 19Page - STMicroelectronics UM1479 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Getting started
UM1479
16/28
Doc ID 022381 Rev 1
Figure 16.
Graph plot window
Note:
In the data logger plot there are no threshold limits for the sensor and so these are not seen
inside the plot window. Therefore, there is no marking for maximum and minimum
temperature and maximum and minimum humidity on the plot.
1.2.12
Starting the event logger application
The GUI installed for the data logger also has the option for an event logger application.
As with the data logger, the event logger system also has 3 stages:
1.
Pre-event logger stage
2.
Event logging stage
3.
Post event logging stage
1.2.13
Pre-event logger stage
This stage is for selecting the sensors for logging the data and configuring the boundary
conditions for different sensors. In this stage the board power is coming from the RFID
reader and no external cell is needed.
Below are the steps for pre-data logger stage configuration:
1.
Connect the RFID reader (CR95HF demo board/STARTKIT-M24LR-A reader) to the
computer.
2.
Put the switch SW4 into the downward position, as shown in Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28