Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4508 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN4508
Description  Parameters and calibration of a low-g 3-axis accelerometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4508 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN4508 Datasheet HTML 5Page - STMicroelectronics AN4508 Datasheet HTML 6Page - STMicroelectronics AN4508 Datasheet HTML 7Page - STMicroelectronics AN4508 Datasheet HTML 8Page - STMicroelectronics AN4508 Datasheet HTML 9Page - STMicroelectronics AN4508 Datasheet HTML 10Page - STMicroelectronics AN4508 Datasheet HTML 11Page - STMicroelectronics AN4508 Datasheet HTML 12Page - STMicroelectronics AN4508 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DocID026444 Rev 1
9/13
AN4508
Least square method
13
Appendix A
Least square method
Let's consider accelerometer calibration at the 6 stationary positions shown in Table 1.
Equation 1 can be rewritten as:
Equation 3
Or
Equation 4
where:
Matrix X is the 12 calibration parameters that need to be determined
Matrix w is sensor raw data LSBs collected at 6 stationary positions
Matrix Y is the known normalized Earth gravity vector
For example,
At Zb down position (P1 position),
, and assume that at Zb down
position, n1 sets of accelerometer raw data Ax, Ay and Az have been collected. Then,
Equation 5
where:
Matrix Y1 has the same row of [0 0 1].
Matrix w1 contains raw data in the format of LSBs.
At Zb up position (P2 position),
, and assume that at Zb up
position, n2 sets of accelerometer raw data Ax, Ay and Az have been collected. Then,
Equation 6
At Yb down position (P3 position),
, and assume that at Yb down
position, n3 sets of accelerometer raw data Ax, Ay and Az have been collected. Then,
Equation 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13