Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4506 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 17Page - STMicroelectronics AN4506 Datasheet HTML 18Page - STMicroelectronics AN4506 Datasheet HTML 19Page - STMicroelectronics AN4506 Datasheet HTML 20Page - STMicroelectronics AN4506 Datasheet HTML 21Page - STMicroelectronics AN4506 Datasheet HTML 22Page - STMicroelectronics AN4506 Datasheet HTML 23Page - STMicroelectronics AN4506 Datasheet HTML 24Page - STMicroelectronics AN4506 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
AN4506
Interrupt generation
DocID026442 Rev 2
21/47
Figure 9. REFERENCE mode
4.3.3
Autoreset
In this configuration the filter is automatically reset when the configured interrupt event
occurs. REFERENCE is, however, used to set the filter instantaneously.
Note:
The XYZ dataset used to reset the filter is the one after the interrupt.
Figure 10. Autoreset
5
Interrupt generation
The L3GD20H interrupt signal can be configured in a very flexible way allowing to recognize
independent rotations of the X, Y and Z-axis. That signal can be driven to the INT1 pin. The
INT2 pin is dedicated to DRDY and FIFO interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47