Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4397 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN4397
Description  Evaluation board for SPV1050 ULP harvester
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4397 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN4397 Datasheet HTML 7Page - STMicroelectronics AN4397 Datasheet HTML 8Page - STMicroelectronics AN4397 Datasheet HTML 9Page - STMicroelectronics AN4397 Datasheet HTML 10Page - STMicroelectronics AN4397 Datasheet HTML 11Page - STMicroelectronics AN4397 Datasheet HTML 12Page - STMicroelectronics AN4397 Datasheet HTML 13Page - STMicroelectronics AN4397 Datasheet HTML 14Page - STMicroelectronics AN4397 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DocID025515 Rev 1
11/19
AN4397
Layout
19
The following indications must be followed in the PCB routing:
The same ground plane has to connect the exposed pad and the pins PGND and GND.
The capacitor on the STORE pin must be placed as close as possible to the pin.
The capacitors on LDO1 and LDO2 pins must be placed as close as possible to the
respective pins.
Details on the recommended layout solution are shown in Figure 8 and Figure 9.
Figure 8. Ground plane detail
Figure 9. Components placement detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19