| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4377 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4377 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 29 page ![]() Support material AN4377 22/29 DocID025410 Rev 1 60 D6 Diode NM SMA Several 61 D7 Diode NM SMA Several 62 D8 Diode NM SMA Several 63 D9 Diode NM SMA Several 64 D10 Diode bridge DF01S DF01S DIODES 65 D11 Diode bridge HD01-NM HD01 DIODES 66 D12 Diode NM SMA Several 67 D13 Diode NM SMA Several 68 D14 Diode STTH2R02A SMA STMicroelectronics 69 D15 Diode STTH2R02A SMA STMicroelectronics 70 D16 Diode NM SMA Several 71 D17 Diode BAT46J-NM SOD323 STMicroelectronics 72 D18 TVS diode SMAJ58A SMA STMicroelectronics 73 D19 LED diode Green LED LED-TLGE1100B TOSHIBA 74 D20 Diode NM SMA Several 75 D21 Diode BAT46J SOD323 STMicroelectronics 76 D22 Diode NM SMA Several 77 D23 Diode BAT46J SOD323 STMicroelectronics 78 D24 Diode NM PFLAT_3_3X3_3-2PIN 79 D25 Diode NM SOD128 80 D28 Schottky diode PMEG6030P SOD128 NXP 81 D29 Diode BAT46J - NM SOD323 STMicroelectronics 82 D30 Diode BAT46J - NM SOD323 STMicroelectronics 83 D31 Diode NM PFLAT_6X5-3LEADS 84 D33 Diode NM SMB 85 D34 Diode NM PFLAT_3_3X3_3-2PIN 86 D35 LED diode Green LED - NM LED-TLGE1100B TOSHIBA 87 D36 LED diode Green LED LED-TLGE1100B TOSHIBA 88 J1 Connector RJ45 data and power jack RJ45-8PIN Several 89 J2 Connector RJ45 data jack RJ45-8PIN Several 90 J3 Connector CON3 P-JACK-RAPC722 Switchcraft 91 J4 Connector CON3 P-JACK-RAPC722 Switchcraft 92 J5 Connector MOR-10X10.5-P5- 2PIN-NM MOR-2POLI-508 Several Table 5. Bill of material (general) (continued) Item Ref. Description Value PCB footprint Supplier Voltage |