Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4374 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN4374
Description  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN4374 Datasheet HTML 17Page - STMicroelectronics AN4374 Datasheet HTML 18Page - STMicroelectronics AN4374 Datasheet HTML 19Page - STMicroelectronics AN4374 Datasheet HTML 20Page - STMicroelectronics AN4374 Datasheet HTML 21Page - STMicroelectronics AN4374 Datasheet HTML 22Page - STMicroelectronics AN4374 Datasheet HTML 23Page - STMicroelectronics AN4374 Datasheet HTML 24Page - STMicroelectronics AN4374 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
DocID025366 Rev 2
23/25
AN4374
PCB layout guidelines
25
vias could be a good solution.The best implementation is represented by copper
filled vias.
On each inner layer, a copper area must be provided for dissipation (if possible, at
least 4 times wider than the package dimensions). A good condition is to have at
least a power layer as an entire copper area (e.g. GND layer).
Traces for pin connection must be enlarged till layout constrains allow.
Several devices in power dissipation on the same board must be adequately
spaced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25