| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD3788 Fiches technique(PDF) 21 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD3788 Fiches technique(HTML) 21 Page - NEC |
|
21 / 24 page ![]() µPD3788 21 Data Sheet S14664EJ1V0DS00 PACKAGE DRAWING Name Dimensions Refractive index Glass cap 93.0 × 13.6 × 1.0 1.5 1 The 1st valid pixel The center of the pin1 2 The 1st valid pixel The center of the package (Reference) 3 The surface of the chip The top of the glass cap (Reference) 4 The bottom of the package The surface of the chip 36D-1CCD-PKG1-2 CCD LINEAR IMAGE SENSOR 36-PIN CERAMIC DIP (15.24mm (600)) 2.54 20.32 15.24 94.00 ±0.50 0.46 ±0.05 1.27 ±0.05 (4.33) 3.50 ±0.5 2.0 ±0.3 4 0.25 ±0.05 0.97 ±0.3 3.30 ±0.35 88.9 ±0.6 9.5 ±0.9 1 (35.0) 2 (2.33) 3 (Unit : mm) The 1st valid pixel |