| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0971 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0971 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 45 page ![]() UM0971 STEVAL-IHM0031V1 hardware settings Doc ID 17701 Rev 1 29/45 The way in which to set the jumpers, when a speed or position sensor is connected to the power board, is shown in Table 20: Table 19. Three-shunt current reading Jumper Position / selection J10 Present J11 Between 1 and 2 J12 Present J14 Present J15 Not present J16 Not present J17 Present J18 Between 2 and 3 Table 20. Encoder/Hall sensor speed reading Jumper Position / selection J2 Between 2 and 3 J5 Between 2 and 3 J8 Between 2 and 3 |