Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0682 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce UM0682
Description  Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0682 Fiches technique(HTML) 5 Page - STMicroelectronics

  UM0682 Datasheet HTML 1Page - STMicroelectronics UM0682 Datasheet HTML 2Page - STMicroelectronics UM0682 Datasheet HTML 3Page - STMicroelectronics UM0682 Datasheet HTML 4Page - STMicroelectronics UM0682 Datasheet HTML 5Page - STMicroelectronics UM0682 Datasheet HTML 6Page - STMicroelectronics UM0682 Datasheet HTML 7Page - STMicroelectronics UM0682 Datasheet HTML 8Page - STMicroelectronics UM0682 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UM0682
Communicating with the PC
5/10
2
Communicating with the PC
To connect the demonstration board to a PC, first provide power to the board using one of
the previously explained methods, then connect the USB cable.
When connecting the STEVAL-TLL005V1 demonstration board to the PC for the first time, a
prompt to install the driver will appear (the driver is included in the DVD). To install the driver,
provide the path to stmcdc.inf when prompted.
Once the board is connected to the PC and the driver installed, the two GUIs
(Packet_Creator_ST7.exe and Register_Controller.exe) can be used. The installation file for
the GUI is included in the DVD.



Html Pages

1 2 3 4 5 6 7 8 9 10