| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4290 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4290 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 16 page ![]() DocID024501 Rev 2 13/16 AN4290 Daisy chain 16 Figure 9. Time diagram of a 3 slave daisy chain The daisy chain configuration also allows a perfect synchronization in the execution of the commands by the slave devices. Considering that all the devices acquire the respective transmitted byte at the same time (raising edge of the CS line), the different devices can start the execution of a command at the same time as shown in Figure 10. Figure 10. Command synchronization example MOSI SDO SDO SDO SDI SDI SDI MISO MOSI SDO SDO SDO SDI SDI SDI MISO MOSI SDO SDO SDO SDI SDI SDI MISO MOSI SDO SDO SDO SDI SDI SDI MISO CS CK CMD3 CMD3 CMD2 CMD2 ANS1 ANS1 CMD3 CMD3 ANS2 ANS2 Unknown Don’t care ANS1 ANS1 CMD2 CMD1 CMD1 ANS3 ANS3 ANS2 Master receives answer byte from device 2 Master receives answer byte from device 1 Slaves decodes the respective SPI shift register content Master receives answer byte from device 3 Device 1 SPI shift register Device 2 SPI shift register Device 3 SPI shift register Master TX buffer Master RX buffer AM16753v1 |